Part Number Hot Search : 
1H470 VSC1236 01456 2SC3746R SI3430DY SMAJ30CA TDA835 PCF857
Product Description
Full Text Search
 

To Download SLE66CX640P-F7C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Security & Chip Card ICs SLE 66CX640P
16-Bit Security Controller with Memory Management and Protection Unit in 0.25 m CMOS Technology 136-Kbyte ROM, 5052 bytes RAM, 64-Kbyte EEPROM 1100-Bit Advanced Crypto Engine and 112-Bit/ 192-Bit DDES EC2 Accelerator
Short Product Information 08.01
SLE 66CX640P Short Product Information
Ref.: SPI_SLE66CX640P_0801doc
This document contains preliminary information on a new product under development. Details are subject to change without notice. Revision History: Current Version 08.01 Previous Releases: 03.00 Page 3 Subjects (changes since last revision) RMS size corrected from 2 Kbytes to 1 Kbytes
Important: Further information is confidential and on request. Please contact: Infineon Technologies AG in Munich, Germany, Security & Chip Card ICs, Tel +49 - (0)89 234-80000 Fax +49 - (0)89 234-81000 E-Mail: security.chipcard.ics@infineon.com
Edition 2001 Published by Infineon Technologies AG, CC Applications Group St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 2001 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives world-wide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
SLE 66CX640P 16-Bit Security Controller with MMU in 0.25m CMOS Technology 136-Kbyte ROM, 5052 bytes RAM, 64-Kbyte EEPROM 1100-Bit Advanced Crypto Engine and 112-Bit/ 192-Bit DDES Accelerator
Features
* * * * * * * * * * * * *
ESD protection larger than 6 kV
* * * * * * * * * * * * * * * * * * *
16-bit microcomputer in 0.25 m CMOS technology Instruction set opcode compatible with standard SAB 8051 processor Enhanced 16-bit arithmetic Additional powerful instructions optimized for chip card applications Dedicated, non-standard architecture with execution time 6 times faster (18 times by PLLmax) than standard SAB 8051 processor at same external clock 135 Kbytes User ROM for application programs Additional 1 Kbytes reserved ROM for Resource Management System (RMS+) with intelligent EEPROM write/erase routines 64 Kbytes EEPROM 4 Kbytes XRAM, 256 (+700) bytes internal RAM Memory Management and Protection Unit (MMU) Dual Key Triple DES (DDES) and EC2 GF (2n ) Accelerator Advanced Crypto Engine for up to 2048 bit RSA computation CRC Module Interrupt Module PLL Two 16-bit Autoreload Timer Power saving sleep mode Ext. Clock freq. 1 to 7.5 MHz for int. Clock 10 MHz UART for handling serial interface in accordance with ISO/IEC 7816 part 3 supporting transmission protocols T=1 and T=0 I/O routines realized in software executable Supply voltage range: 2.7 V to 5.5 V
EEPROM
Reading, erasing and writing byte by byte Flexible page mode for 1 to 64 bytes write/erase operation 32 bytes security area (OTP) Erase + Write time < 4.5 ms Minimum of 500.000 write/erase cycles at 25C Data retention for a minimum of 10 years EEPROM programming voltage generated on chip
Memory Management and Protection Unit
Addressable memory up to 1 MByte Separates OS (system) and application (user) System routines called by traps OS can restrict access to peripherals in application mode Code execution from XRAM possible
Security Features Operation state monitoring mechanism
* * * * * * *
Low and high voltage sensors Frequency sensors and filters
Memory Security
16 bytes security PROM, hardware protected Unique chip identification number for each chip MED - memory encryption/decryption device for XRAM, ROM and EEPROM True Random Number Generator with Firmware test function Security optimised layout and layout scrambling
* *
Short Product Information
3/9
08.01
SLE 66CX640P *
Current consumption < 10mA @ 5.5 V < 6 mA @ 3.3 V * Temperature range: -25 to +85C
Document References
* * * * *
Testmode
*
Irreversible Lock - Out of testmode
Confidential Data Book SLE 66CxxxP Qualification report Chip delivery specification for wafer with chip-layout (die size, orientation,...) Module specification containing description of package, etc. Qualification report module
Anti Snooping Development Tools Overview
* * * *
HW-countermeasures against SPA/DPA-, Timing- and DFA-attacks (differential fault analysis - DFA) CRC - Module Non standard dedicated Smart Card CPU - Core Active Shield with automatic and user controlled attack detection
* * * *
Support
* Short Product Information Smart Mask
Package
Short Product Information Software Development Kit SDK CC Short Product Information Card Emulator CE66P Short Product Information ROM Monitor RM66P Short Product Information Emulator ET66P Hitex or ET66P KSC
* *
HW-& SW-Tools (Emulator, ROM Monitor, Card Emulator, Simulator, Softmasking) Application notes
Supported Standards
* * * *
ISO/IEC 7816 EMV 2000 GSM 11.1x ETS I TS 102 221
Short Product Information
4/9
08.01
SLE 66CX640P
Performance Advanced Crypto Engine Operation Modulus Exponent 5MHz Modular Exponentiation RSA Encrypt / RSA Signature Verify Modular Exponentiation RSA Decrypt / RSA Signature Generate Modular Exponentiation using CRT RSA Decrypt / RSA Signature Generate DSA Signature Generate DSA Signature Verify DSA Signature Generate DSA Signature Verify 1024 bit 1024 bit 17 bit 1024 bit 20 ms 820 ms
Calculation Time
10 MHz 11 ms 410 ms
15 MHz 7 ms 273 ms
Eq.1024 bit eq.1024 bit 250 ms
125 ms
83 ms
512 bit 512 bit 1024 bit 1024 bit
160 bit 160 bit 160 bit 160 bit
97ms 117 ms 438 ms 711 ms
49 ms 59 ms 219 ms 356 ms
32 ms 39 ms 146 ms 237 ms
Performance DDES-EC2 Accelerator Operation Data Block Length Encryption Time for an 8-Byte Block incl. Data Transfer 5 MHz 10 MHz 15 MHz 56-bit Single DES Encryption 112-bit Triple DES Encryption 64 bit 64 bit Operand Length Elliptic Curves GF(2n) EC-DSA Signature Generate Elliptic Curves GF(2n) EC-DSA Signature Verify 192 bit 192 bit 23 s 35 s 11 s 17 s 8 s 12 s
Calculation Time 5 MHz 10 MHz 15 MHz 285 ms 142 ms 95 ms 540 ms 270 ms 180 ms
Short Product Information
5/9
08.01
SLE 66CX640P
Ordering Information Type SLE 66CX640P M5 SLE 66CX640P C SLE 66CX640P-T85 M5 SLE 66CX640P-T85 C SLE 66CX640P-F7 M5 SLE 66CX640P-F7 C Package 1 Voltage Range M5 Die M5 Die M5 die 2.7 V - 5.5 V - 25C to + 70C 1 MHz - 7.5 MHz 2.7 V - 5.5 V - 25C to + 85C 1 MHz - 5 MHz Temperature Range Frequency Range (ext. clock frequency)
2.7 V - 5.5 V - 25C to + 70C 1 MHz - 5 MHz
Production sites:
* *
Dresden SLE 66CxxxP UMC Taiwan SLE 66CxxxPU
1
available as wire-bonded module (M5) for embedding in plastic cards or as die (C) for customer packaging
Short Product Information
6/9
08.01
SLE 66CX640P
Pin Configuration
VCC
GND
CLK SLE 66CX640P
RST
I/O
Figure 1: Pin Configuration
Pin Definitions and Functions
Symbol
VCC RST CLK GND I/O
Function
Operating voltage Reset input Processor clock input Ground Bi-directional data port
Short Product Information
7/9
08.01
SLE 66CX640P
General Description
SLE 66CX640P is another member of Infineon Technologies high end security controller family in advanced 0.25 m CMOS technology. The CPU provides the high efficiency of the SAB 8051 instruction set extended by additional powerful instructions together with enhanced performance, memory sizes and security features. The internal clock frequency can be adjusted up to 15 MHz independent of the clock rate of the terminal with the help of the PLL. The controller IC offers 135 Kbytes of User-ROM, 256 byte internal RAM, 4096 byte XRAM and 64 Kbytes EEPROM. The Memory Management and Protection Unit allows a secure separation of the operating system and the applications. Furthermore the MMU makes a secure downloading of applications possible after the personalization of a card. These new features suit the requirements of the next generation of multi application operating systems. For code compatibility to the SLE 66CxxS family, a transparent mode for the MMU is established which allows to keep the memory mapping of the SLE 66CxxS products.
Voltage Clock Reset
ROM 136 Kbyte
XRAM 4 Kbyte
EEPROM 64 Kbyte
DES-EC2 Accelerator
Advanced Crypto Engine
16-Bit CPU with MMU & ECO 2000 Instruction Set
Address-/Data Bus
Sleep Mode Logic Sensors/Filters Voltage Regulator
Interrupt
two 16-bit Timer
CRC
Random Number Generator
UART
PLL
Figure 2: Block Diagram SLE 66CX640P The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-BitCRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode. The UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO/IEC 7816-3. All relevant transmission parameters can be adjusted by software, as e.g. the clock division factor, direct/inverse convention and the number of stop bits. Additionally, the I/O port can be driven by communication routines realized in software. The Advanced Crypto Engine is equipped with its own RAM of 700 bytes and supports all of today known public-key algorithms based on large integer modular arithmetic. It allows fast and efficient calculation of e.g. RSA operations with key lengths up to 2048 bit. The DDES-EC2 accelerator consists of two modules. The DES module supports symmetrical crypto algorithms according to the Data Encryption Standard in the Electronic Code Book Mode. The EC2 module accelerates the multiplication in GF(2n) and therefore the operations for elliptic curve cryptography. The random number generator (RNG) is able to supply the CPU with true random numbers on all conditions. As an important feature, the chip provides a new and enhanced level of on-chip security.
Short Product Information
8/9
08.01
SLE 66CX640P
In conclusion, the SLE 66CX640P fulfills the requirements of today's chip card applications, such as payment, GSM, Pay TV, security access and digital signature and offers a powerful platform for future multi application cards. The SLE 66CX640P integrates outstanding memory sizes, additional peripherals in combination with enhanced performance and optimized power consumption on a minimized die size. Therefore, the SLE 66CX640P offers the basis for a generation of new chip card applications.
Short Product Information
9/9
08.01


▲Up To Search▲   

 
Price & Availability of SLE66CX640P-F7C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X